PART |
Description |
Maker |
SP75001 |
750MHz Low-loss SAW Filter 50MHz Bandwidth
|
SIPAT Co,Ltd
|
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
SPS-9380V-1RG |
1260 to 1620 nm / 3 Gb/s Single Optical SM Receiver
|
Optoway Technology Inc
|
SPS-9110V-1RG |
1260 to 1620 nm / 3 Gb/s Single Optical SM Receiver
|
Optoway Technology Inc
|
CLC1004IST6X CLC1004 CLC1004IST6 CLC1014IST5 |
Single and Triple, 750MHz Amplifiers with Disable
|
Cadeka Microcircuits LLC.
|
SPS-7110VW-2RG |
1260 to 1620 nm / 1.5 Gb/s Dual Optical SM Digital Diagnostic Receiver
|
Optoway Technology Inc
|
HFA111006 HFA1110IBZ HFA1110IB 1110IBZ HFA1110 HFA |
750MHZ, LOW DISTORTION UNITY GAIN, CLOSED LOOP BUFFER
|
INTERSIL[Intersil Corporation]
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
EP2545ETTSL-14.750M |
OSCILLATORS 50PPM -40 85 5.0V 4 14.750MHZ TS TTL 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 14.75 MHz, TTL OUTPUT
|
Ecliptek, Corp.
|
S3LP507L S3LP807L S3LP156L S3HP807L S3HP156L S3HP1 |
Surface Mount LC Filters High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 30 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 800 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 300 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 60 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 500 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 15 MHz, HIGH PASS FILTER LC filter, low pass, SMT, RoHS 1000 MHz, LOW PASS FILTER
|
Coilcraft lnc. http:// Coilcraft, Inc.
|
B39389-K2955-M100 K2955M |
1 FUNCTIONS, 37.4 MHz, SAW-VIDEO/SOUND FILTER IF Filter for Audio Applications IF Filter for Intercarrier Applications 中频滤波器载波应
|
EPCOS AG List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
|